Part Number Hot Search : 
F2812 ZK102 E006854 HPA17B FR3910 TDA3803A SC4004 TMP80C
Product Description
Full Text Search
 

To Download DEP129MENP-0R77M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductor< Pin Type: DEP Series>
Type: DEP129ME
Product Description
13.0x13.0mm Max.(LxW),9.2mm Max. Height. Inductance Range: 0.430.77H Rated current range:1618A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically shielded construction.
Iron core used. super high DC saturation current inductors. Ideally used in portable computer CPU power supply. RoHS Compliance Dimensions (mm)
Specification
Part Name Stamp Inductance [Within] (H) 100kHz 0.43H15% 0.77H15% D.C.R. [Max.] (at 20) (m)(Typ.) 1.50 (1.28) 2.0 (1.63) DC Superposition (A) 1 42A 36A Temperature rise current (A) 2 18A 16A
DEP129MENP-0R43M DEP129MENP-0R77M
0R43 0R77
1. DC Superposition current: the D.C. current at which the inductance decreases to 80% of the initial value. 2. Temperature rise current: the D.C. current at which temperature rise isT=40(Ta=20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of DEP129MENP-0R77M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X